Part Number Hot Search : 
LF102EDI 1H100 A4510 OP290 MAX63 DB1GB1WB PU3210 LPC932A1
Product Description
Full Text Search
 

To Download T-11204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Token Ring Transformers
IEEE 802.5 Compatible -- High Isolation Single and Dual Low Profile Packages Designed For IBM Token Ring Applications Insertion Loss ..................... 0.5 dB max. at 10 MHz Return Loss ............................ 20 dB min. at 5 MHz Dielectric withstanding voltage ............... 500 Vrms CMRR .................................... -60 dB min. at 1 MHz
Electrical Specifications at 25OC OCL Part Turns min. Number Ratio ( H ) T-11200 T-11201 T-11202 T-11203 T-11204 T-11205 1:1:2:2 1:1:2:2 1:1:2:2 1:1:2:2 1:1:1:1 1:1:1:1 1000 1000 250 250 750 750 Primary Primary
Secondary CW/W max. ( pF ) 15 15 15 15 25 25 LL max. ( H ) .40 .40 .15 .15 .20 .20 Rise Time max. ( ns ) 15.0 15.0 15.0 15.0 5.0 5.0 Pri & Sec. DCR max. () 0.4 & 0.8 0.4 & 0.8 0.5 & 0.8 0.5 & 0.8 1.0 & 1.0 1.0 & 1.0
Secondary
Style Single Dual Single Dual Single Dual
Package 8-Pin 16-Pin 8-Pin 16-Pin 8-Pin 16-Pin
Token Ring Transformers - DIP / SMD Packages
Refer to Schematic Diagrams and General Parameters at top of page.
CW/W max. ( pF ) LL max. ( H ) Rise Time max. ( ns ) Pri & Sec. DCR max. () Electrical Specifications at 25OC DIP OCL Part Turns min. Number Ratio ( H ) Style Package
8 &16 Pin DIP/SMD Packages (Add G or J to P/N for SMD) See pg. 40, fig. 4, 5 & 6 D
T-11280 T-11281 T-11282 T-11283 T-11284 T-11285 T-11206 T-11208 T-11210 T-11212
1:1:2:2 1:1:2:2 1:1:2:2 1:1:2:2 1:1:1:1 1:1:1:1 1:1:2:2 1:1:2:2 1:1:1:1 1:1:1:1
1000 1000 250 250 750 750 60 60 60 60
15 15 15 15 25 25 14 14 14 14
.40 .40 .15 .15 .20 .20 .30 .30 .30 .30
15.0 15.0 15.0 15.0 5.0 5.0 3.0 3.0 3.0 3.0
0.4 & 0.8 0.4 & 0.8 0.5 & 0.8 0.5 & 0.8 1.0 & 1.0 1.0 & 1.0 0.2 & 0.4 0.2 & 0.4 0.2 & 0.2 0.2 & 0.2
Single Dual Single Dual Single Dual Single Dual SIngle Dual
8-Pin 16-Pin 8-Pin 16-Pin 8-Pin 16-Pin 8-Pin 16-Pin 8-Pin 16-Pin SMD versions available on Tape & Reel G J
Specifications subject to change without notice.
For other values & Custom Designs, contact factory.
TOK - 7/97
Rhombus Industries Inc.
36
15801 Chemical Lane, Huntington Beach, CA 92649-1595 Tel: (714) 898-0960 * Fax: (714) 896-0971


▲Up To Search▲   

 
Price & Availability of T-11204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X